công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 746 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 746 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 742Page - Renesas Technology Corp H8S/2117R Datasheet HTML 743Page - Renesas Technology Corp H8S/2117R Datasheet HTML 744Page - Renesas Technology Corp H8S/2117R Datasheet HTML 745Page - Renesas Technology Corp H8S/2117R Datasheet HTML 746Page - Renesas Technology Corp H8S/2117R Datasheet HTML 747Page - Renesas Technology Corp H8S/2117R Datasheet HTML 748Page - Renesas Technology Corp H8S/2117R Datasheet HTML 749Page - Renesas Technology Corp H8S/2117R Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 720 of 994
REJ09B0452-0100
4. Execute the SPI flash memory erasure instruction.
 Set the TE bit in FSICR2 to 1.
 Set the TBN bit in FSIBNR to 4-byte transfer.
 Write the FSI address stored in FSIAR to FSITDR1 to FSITDR3.
 Write the erasure instruction to FSIINS (start the SPI flash memory erasure instruction
execution).
5. Complete the interrupt processing.
6. Generate an FSITEI interrupt request.
7. Clear the FSIDMYE and CMDBUSY bits in FSILSTR1 to 0.
8. Complete the interrupt processing.
9. Check that the FSIDMYE, CMDBUSY, and FSICMDI bits in FSILSTR1 are cleared to 0
(Host).
(6) FSI Command Usage Example 2 (SPI Flash Memory Status Read)
Figure 21.17 shows an example of the execution timing of the SPI flash memory status read
instruction.
φ
FSIDMYE
FSICMDI
CMDBUSY
LPC_ADDR
RE
TBN
RBN
FSIINS
FSIRXI
FSISS
FSICK
FSIDO
FSIDI
Written by the CPU
Written by the CPU H'1
Written by the CPU H'1
Written by the CPU H'05
Cleared by the CPU
Cleared by the CPU
H'00 (Automatically cleared)
H'00 (Automatically cleared)
Automatically cleared
STEP1
STEP2
STEP3
H'05
H'07
H'EFFF_F000
Automatically cleared
Figure 21.17 Execution Timing of SPI Flash Memory Status Read Instruction
The SPI flash memory status read instruction is executed in the following sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com