công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 748 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 748 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 744Page - Renesas Technology Corp H8S/2117R Datasheet HTML 745Page - Renesas Technology Corp H8S/2117R Datasheet HTML 746Page - Renesas Technology Corp H8S/2117R Datasheet HTML 747Page - Renesas Technology Corp H8S/2117R Datasheet HTML 748Page - Renesas Technology Corp H8S/2117R Datasheet HTML 749Page - Renesas Technology Corp H8S/2117R Datasheet HTML 750Page - Renesas Technology Corp H8S/2117R Datasheet HTML 751Page - Renesas Technology Corp H8S/2117R Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 722 of 994
REJ09B0452-0100
21.4.6
SPI Flash Memory Write Operation Mode
The write operation to the SPI flash memory in the LPC/FW memory write cycles can be
classified into the following four operation modes, depending or the state of FLDCT and
FLWAIT.
Table 21.7
SPI Flash Memory Write Operation in LPC/FW Memory Write Cycles
Operation
Mode
FLDCT
FLWAIT
Selected Register
Operation
Mode 1
0
0
FSIWBUSY
← 1
FSIWI
← 1
Control the write operation to the SPI
flash memory by the EC CPU. No wait
cycle is inserted to the LPC bus. Confirm
by FSIWBUSY whether or not a write
transfer has been completed.
Mode 2
0
1
FSIWBUSY
← 1
FSIWI
← 1
Control the write operation to the SPI
flash memory by the EC CPU. Wait
cycles are inserted to the LPC bus.
Provision of wait cycles can be canceled
by clearing FSIWBUSY.
Mode 3
1
0
LFBUSY
← 1
(Automatically
cleared)
Control the write operation to the SPI
flash memory by the FSI. No wait cycle is
inserted to the LPC bus. Confirm by
LFBUSY whether or not a write transfer
has been completed.
Mode 4
1
1
LFBUSY
← 1
(Automatically
cleared)
Control the write operation to the SPI
flash memory by the FSI. Wait cycles are
inserted to the LPC bus. Provision of wait
cycles can be canceled by clearing
LFBUSY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com