| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 210 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 210 Page - Renesas Technology Corp |
|
210 / 818 page ![]() Section 6 Bus Controller Rev.3.00 Mar. 26, 2007 Page 168 of 772 REJ09B0355-0300 T1 Address bus φ CS0 AS Data bus T2 T1 T1 Full access RD Burst access Only lower address changed Read data Read data Read data Figure 6.19 (b) Example of Burst ROM Access Timing (When AST0 = BRSTS1 = 0) 6.6.3 Wait Control As with the basic bus interface, either program wait insertion or pin wait insertion using the WAIT pin can be used in the initial cycle (full access) of the burst ROM interface. See section 6.5.5, Wait Control. Wait states cannot be inserted in a burst cycle. |