| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp |
|
27 / 818 page ![]() Rev.3.00 Mar. 26, 2007 Page xxvii of xlii REJ09B0355-0300 Item Page Revision (See Manual for Details) Appendix B Register Field 702 ADCSR H'FF98 A/D Converter Note *2 added R/(W) *1 DTC*2 Notes: 1. Can only be written with 0 for flag clearing. 2. DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0. 705 TCSR0 H'FFB2 8-Bit Timer Channel 0 TCSR1 H'FFB3 8-Bit Timer Channel 1 Note *2 added R/(W) *1 DTC*2 Notes: 1. Can only be written with 0 for flag clearing. 2. DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0. 707 TCSR H'FFBC(W) H'FFBC(R) WDT Note *2 added R/(W) *1 Overflow Flag [Clearing condition] Cleared by reading TCSR when OVF = 1, then writing 0 to OVF *2 Notes: The method for writing to ... 1. Can only be written with 0 for flag clearing. 2. When polling OVF with the interval timer interrupt disabled, read TSCR twice or more while OVF is set to 1. 709 RSTCSR H'FFBE(W) H'FFBF(R) WDT Figure amended Watchdog Timer Overflow Flag [Clearing condition] Cleared by reading RSTCSR when WOVF = 1, then writing 0 to WOVF 716 TSR0 H'FFD5 TPU0 Note *2 added R/(W) *1 DTC*2 Notes: 1. Can only be written with 0 for flag clearing. 2. DTC can clear this bit only when DISEL is 0 with the transfer counter not being 0. |