| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 52 Page - Renesas Technology Corp |
|
52 / 818 page ![]() Section 1 Overview Rev.3.00 Mar. 26, 2007 Page 10 of 772 REJ09B0355-0300 Pin No. Pin Name FP-100B, TFP-100B Mode 1 Mode 2* 1 Mode 3* 1 Mode 4 Mode 5 Mode 6* 1 Mode 7* 1 PROM Mode* 2 49 V SS V SS V SS V SS V SS V SS V SS V SS 50 PA 0 PA 0 PA 0 A 16 A 16 PA 0/A16 PA 0 A 16 51 PA 1 PA 1 PA 1 A 17 A 17 PA 1/A17 PA 1 V CC 52 PA 2 PA 2 PA 2 A 18 A 18 PA 2/A18 PA 2 V CC 53 PA 3 PA 3 PA 3 A 19 A 19 PA 3/A19 PA 3 NC 54 P5 0/TxD2 P5 0/TxD2 P5 0/TxD2 P5 0/TxD2 P5 0/TxD2 P5 0/TxD2 P5 0/TxD2 NC 55 P5 1/RxD2 P5 1/RxD2 P5 1/RxD2 P5 1/RxD2 P5 1/RxD2 P5 1/RxD2 P5 1/RxD2 NC 56 P5 2/SCK2 P5 2/SCK2 P5 2/SCK2 P5 2/SCK2 P5 2/SCK2 P5 2/SCK2 P5 2/SCK2 NC 57 MD 0 MD 0 MD 0 MD 0 MD 0 MD 0 MD 0 V SS 58 MD 1 MD 1 MD 1 MD 1 MD 1 MD 1 MD 1 V SS 59 P5 3 P5 3 P5 3 P5 3 P5 3 P5 3 P5 3 NC 60 WDTOVF WDTOVF WDTOVF WDTOVF WDTOVF WDTOVF WDTOVF NC 61 MD 2 MD 2 MD 2 MD 2 MD 2 MD 2 MD 2 V SS 62 RES RES RES RES RES RES RES V PP 63 NMI NMI NMI NMI NMI NMI NMI A 9 64 STBY STBY STBY STBY STBY STBY STBY V SS 65 V CC V CC V CC V CC V CC V CC V CC V CC 66 XTAL XTAL XTAL XTAL XTAL XTAL XTAL NC 67 EXTAL EXTAL EXTAL EXTAL EXTAL EXTAL EXTAL NC 68 V SS V SS V SS V SS V SS V SS V SS V SS 69 PF 7/φ PF 7/φ PF 7/φ PF 7/φ PF 7/φ PF 7/φ PF 7/φ NC 70 AS AS PF 6 AS AS AS PF 6 NC 71 RD RD PF 5 RD RD RD PF 5 NC 72 HWR HWR PF 4 HWR HWR HWR PF 4 NC 73 LWR LWR PF 3/IRQ3 LWR LWR LWR PF 3/IRQ3 NC 74 PF 2/WAIT/ BREQO/ IRQ2 PF 2/WAIT/ BREQO/ IRQ2 PF 2/IRQ2 PF 2/WAIT/ BREQO/ IRQ2 PF 2/WAIT/ BREQO/ IRQ2 PF 2/WAIT/ BREQO/ IRQ2 PF 2/IRQ2 CE 75 PF 1/BACK/ IRQ1 PF 1/BACK/ IRQ1 PF 1/IRQ1 PF 1/BACK/ IRQ1 PF 1/BACK/ IRQ1 PF 1/BACK/ IRQ1 PF 1/IRQ1 PGM |