| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 78 Page - Renesas Technology Corp |
|
78 / 818 page ![]() Section 2 CPU Rev.3.00 Mar. 26, 2007 Page 36 of 772 REJ09B0355-0300 2.6 Instruction Set 2.6.1 Overview The H8S/2000 CPU has 65 types of instructions. The instructions are classified by function in table 2.1. Table 2.1 Instruction Classification Function Instructions Size Types Data transfer MOV BWL 5 POP* 1, PUSH*1 WL LDM* 5, STM*5 L MOVFPE* 3, MOVTPE*3 B ADD, SUB, CMP, NEG BWL 19 Arithmetic operations ADDX, SUBX, DAA, DAS B INC, DEC BWL ADDS, SUBS L MULXU, DIVXU, MULXS, DIVXS BW EXTU, EXTS WL TAS* 4 B Logic operations AND, OR, XOR, NOT BWL 4 Shift SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL, ROTXR BWL 8 Bit manipulation BSET, BCLR, BNOT, BTST, BLD, BILD, BST, BIST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR B14 Branch Bcc* 2, JMP, BSR, JSR, RTS — 5 System control TRAPA, RTE, SLEEP, LDC, STC, ANDC, ORC, XORC, NOP — 9 Block data transfer EEPMOV — 1 Total: 65 types Legend: B: Byte size W: Word size L: Longword size Notes: 1. POP.W Rn and PUSH.W Rn are identical to MOV.W @SP+, Rn and MOV.W Rn, @-SP. POP.L ERn and PUSH.L ERn are identical to MOV.L @SP+, ERn and MOV.L ERn, @-SP. 2. Bcc is the general name for conditional branch instructions. 3. Cannot be used in the H8S/2245 Group. |