| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp |
|
63 / 818 page ![]() Section 2 CPU Rev.3.00 Mar. 26, 2007 Page 21 of 772 REJ09B0355-0300 2.1.3 Differences from H8/300 CPU In comparison to the H8/300 CPU, the H8S/2000 CPU has the following enhancements. • More general registers and control registers Eight 16-bit expanded registers, and one 8-bit control registers, have been added. • Expanded address space Normal mode supports the same 64-kbyte address space as the H8/300 CPU. Advanced mode supports a maximum 16-Mbyte address space. • Enhanced addressing The addressing modes have been enhanced to make effective use of the 16-Mbyte address space. • Enhanced instructions Addressing modes of bit-manipulation instructions have been enhanced. Signed multiply and divide instructions have been added. Two-bit shift instructions have been added. Instructions for saving and restoring multiple registers have been added. A test and set instruction has been added. • Higher speed Basic instructions execute twice as fast. 2.1.4 Differences from H8/300H CPU In comparison to the H8/300H CPU, the H8S/2000 CPU has the following enhancements. • Additional control register One 8-bit control register has been added. • Enhanced instructions Addressing modes of bit-manipulation instructions have been enhanced. Two-bit shift instructions have been added. Instructions for saving and restoring multiple registers have been added. A test and set instruction has been added. • Higher speed Basic instructions execute twice as fast. |