| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 194 Page - Renesas Technology Corp |
|
194 / 818 page ![]() Section 6 Bus Controller Rev.3.00 Mar. 26, 2007 Page 152 of 772 REJ09B0355-0300 6.4.2 On-Chip Peripheral Module Access Timing The on-chip peripheral modules are accessed in two states. The data bus is either 8 bits or 16 bits wide, depending on the particular internal I/O register being accessed. Figure 6.6 shows the access timing for the on-chip peripheral modules. Figure 6.7 shows the pin states. T1 T2 φ Internal address bus Bus cycle Address Read data Write data Internal read signal Internal data bus Internal write signal Internal data bus Read access Write access Figure 6.6 On-Chip Peripheral Module Access Cycle T1 T2 Bus cycle Unchanged Address bus AS RD HWR, LWR Data bus φ High High High High-impedance state Figure 6.7 Pin States during On-Chip Peripheral Module Access |