| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/29 bảng dữ liệu(PDF) 272 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 bảng dữ liệu(HTML) 272 Page - Renesas Technology Corp |
|
272 / 499 page ![]() 15. A/D Converter p u o r G 9 2 / C 6 1 M page 248 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R Figure 15.24 Operation Example in Delayed Trigger Mode1 •Example when selecting AN0 to AN3 to A/D sweep pins (SCAN1 to SCAN0 = 012) A/D pin input voltage sampling A/D pin conversion AN0 AN1 AN2 AN3 ADTRG pin input •Example 1: When ADTRG pin falling edge is generated during AN0 pin conversion AN0 AN1 AN2 AN3 •Example 2: When ADTRG pin falling edge is generated again after AN0 pin conversion ADTRG pin input •Example 3: When ADTRG pin falling edge is generated more than two times after AN0 pin conversion AN0 AN1 AN2 AN3 (invalid) (valid after single sweep conversion) ADTRG pin input |