| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/29 bảng dữ liệu(PDF) 385 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 bảng dữ liệu(HTML) 385 Page - Renesas Technology Corp |
|
385 / 499 page ![]() 20. Flash Memory Version p u o r G 9 2 / C 6 1 M page 361 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 20.11 CAN I/O Mode In CAN I/O mode, the user ROM area can be rewritten while the MCU is mounted on-board by using a CAN programmer which is applicable for the M16C/29 group. For more information about CAN programmers, contact the manufacturer of your CAN programmer. For details on how to use, refer to the user’s manual included with your CAN programmer. Table 20.9 lists pin functions for CAN I/O mode. Figures 20.19 and 20.20 show pin connections for CAN I/ O mode. 20.11.1 ID code check function This function determines whether the ID codes sent from the CAN programmer and those written in the flash memory match.(Refer to 20.3 Functions To Prevent Flash Memory from Rewriting.) Note The CAN I/O mode is not available in M16C/29 T-ver./V-ver. |