công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 248 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 248 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 244Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 245Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 246Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 247Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 248Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 250Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 251Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 224 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
4, 3
A3ROW[1:0] 00
R/W
Number of Bits of Row Address for Area 3
Specify the number of bits of the row address for
area 3.
00: 11 bits
01: 12 bits
10: 13 bits
11: Reserved (setting prohibited)
2
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1, 0
A3COL[1:0]
00
R/W
Number of Bits of Column Address for Area 3
Specify the number of bits of the column address for
area 3.
00: 8 bits
01: 9 bits
10: 10 bits
11: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More