| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 237 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 237 Page - Renesas Technology Corp |
|
237 / 1228 page ![]() Section 8 Bus State Controller (BSC) Rev. 2.00 May. 08, 2008 Page 213 of 1200 REJ09B0344-0200 Bit Bit Name Initial Value R/W Description 6 WM 0 R/W External Wait Mask Specification Specifies whether or not the external wait input is valid. The specification by this bit is valid even when the number of access wait cycle is 0. 0: External wait input is valid 1: External wait input is ignored 5 to 2 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. 1, 0 HW[1:0] 00 R/W Delay Cycles from RD, WEn Negation to Address, CS4 Negation Specify the number of delay cycles from RD and WEn negation to address and CS4 negation. 00: 0.5 cycles 01: 1.5 cycles 10: 2.5 cycles 11: 3.5 cycles |