| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 200 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 200 Page - Renesas Technology Corp |
|
200 / 1228 page ![]() Section 8 Bus State Controller (BSC) Rev. 2.00 May. 08, 2008 Page 176 of 1200 REJ09B0344-0200 6. SRAM interface with byte selection ⎯ Can connect directly to a SRAM with byte selection. 7. Burst ROM interface (clock synchronous) ⎯ Can connect directly to a ROM of the clock-synchronous type. 8. Bus arbitration ⎯ Shares all of the resources with other CPU and outputs the bus enable after receiving the bus request from external devices. 9. Refresh function ⎯ Supports the auto-refresh and self-refresh functions. ⎯ Specifies the refresh interval using the refresh counter and clock selection. ⎯ Can execute concentrated refresh by specifying the refresh counts (1, 2, 4, 6, or 8). 10. Usage as interval timer for refresh counter ⎯ Generates an interrupt request at compare match. |