| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 189 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 189 Page - Renesas Technology Corp |
|
189 / 1228 page ![]() Section 7 User Break Controller (UBC) Rev. 2.00 May. 08, 2008 Page 165 of 1200 REJ09B0344-0200 Bit Bit Name Initial Value R/W Description 5 PCB1 0 R/W PC Break Select 1 Selects the break timing of the instruction fetch cycle for channel 1 as before or after instruction execution. 0: PC break of channel 1 is generated before instruction execution 1: PC break of channel 1 is generated after instruction execution 4 PCB0 0 R/W PC Break Select 0 Selects the break timing of the instruction fetch cycle for channel 0 as before or after instruction execution. 0: PC break of channel 0 is generated before instruction execution 1: PC break of channel 0 is generated after instruction execution 3 to 0 ⎯ All 0 R Reserved These bits are always read as 0. The write value should always be 0. |