| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 160 Page - Renesas Technology Corp |
|
160 / 1228 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 May. 08, 2008 Page 136 of 1200 REJ09B0344-0200 6.8.1 Banked Register and Input/Output of Banks (1) Banked Register The contents of the general registers (R0 to R14), global base register (GBR), multiply and accumulate registers (MACH and MACL), and procedure register (PR), and the vector table address offset are banked. (2) Register Banks This LSI has fifteen register banks, bank 0 to bank 14. Register banks are stacked in first-in last- out (FILO) sequence. Saving takes place in order, beginning from bank 0, and restoration takes place in the reverse order, beginning from the last bank saved to. 6.8.2 Bank Save and Restore Operations (1) Saving to Bank Figure 6.11 shows register bank save operations. The following operations are performed when an interrupt for which usage of register banks is allowed is accepted by the CPU: a. Assume that the bank number bit value in the bank number register (IBNR), BN, is i before the interrupt is generated. b. The contents of registers R0 to R14, GBR, MACH, MACL, and PR, and the interrupt vector table address offset (VTO) of the accepted interrupt are saved in the bank indicated by BN, bank i. c. The BN value is incremented by 1. Bank 0 Register banks Registers Bank 1 : : : : Bank i Bank i + 1 Bank 14 +1 (a) (c) (b) BN GBR MACH MACL PR VTO R0 to R14 Figure 6.11 Bank Save Operations |