| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 120 Page - Renesas Technology Corp |
|
120 / 1228 page ![]() Section 5 Exception Handling Rev. 2.00 May. 08, 2008 Page 96 of 1200 REJ09B0344-0200 5.7 When Exception Sources Are Not Accepted When an address error, register bank error (overflow), or interrupt is generated immediately after a delayed branch instruction, it is sometimes not accepted immediately but stored instead, as shown in table 5.10. When this happens, it will be accepted when an instruction that can accept the exception is decoded. Table 5.10 Exception Source Generation Immediately after Delayed Branch Instruction Exception Source Point of Occurrence Address Error Register Bank Error (Overflow) Interrupt Immediately after a delayed branch instruction* Not accepted Not accepted Not accepted Note: * Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, BRAF |