| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 115 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 115 Page - Renesas Technology Corp |
|
115 / 1228 page ![]() Section 5 Exception Handling Rev. 2.00 May. 08, 2008 Page 91 of 1200 REJ09B0344-0200 5.5.2 Interrupt Priority Level The interrupt priority order is predetermined. When multiple interrupts occur simultaneously (overlap), the interrupt controller (INTC) determines their relative priorities and starts processing according to the results. The priority order of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest and priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is always accepted. The user break interrupt and H-UDI interrupt priority level is 15. Priority levels of IRQ interrupts, and on-chip peripheral module interrupts can be set freely using the interrupt priority registers 01, 02, and 05 to 15 (IPR01, IPR02, and IPR05 to IPR15) of the INTC as shown in table 5.8. The priority levels that can be set are 0 to 15. Level 16 cannot be set. See section 6.3.1, Interrupt Priority Registers 01, 02, 05 to 15 (IPR01, IPR02, IPR05 to IPR15), for details of IPR01, IPR02, and IPR05 to IPR15. Table 5.8 Interrupt Priority Order Type Priority Level Comment NMI 16 Fixed priority level. Cannot be masked. User break 15 Fixed priority level. H-UDI 15 Fixed priority level. IRQ On-chip peripheral module 0 to 15 Set with interrupt priority registers 01, 02, and 05 to 15 (IPR01, IPR02, and IPR05 to IPR15). |