công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 455 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 455 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 451Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 452Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 453Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 454Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 455Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 456Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 457Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 458Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 431 of 1200
REJ09B0344-0200
10.3.27
Timer Cycle Buffer Register (TCBR)
TCBR is a 16-bit register used only in complementary PWM mode. It functions as a buffer
register for the TCDR register. The TCBR register values are transferred to the TCDR register
with the transfer timing set in the TMDR register.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
1111111111111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
Accessing the TCBR in 8-bit units is prohibited. Always access in 16-bit units.
10.3.28
Timer Interrupt Skipping Set Register (TITCR)
TITCR is an 8-bit readable/writable register that enables or disables interrupt skipping and
specifies the interrupt skipping count. The MTU2 has one TITCR.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
T3AEN
3ACOR[2:0]
T4VEN
4VCOR[2:0]
Bit
Bit Name
Initial
value
R/W
Description
7
T3AEN
0
R/W
T3AEN
Enables or disables TGIA_3 interrupt skipping.
0: TGIA_3 interrupt skipping disabled
1: TGIA_3 interrupt skipping enabled
6 to 4
3ACOR[2:0] 000
R/W
These bits specify the TGIA_3 interrupt skipping count
within the range from 0 to 7.*
For details, see table 10.40.
3
T4VEN
0
R/W
T4VEN
Enables or disables TCIV_4 interrupt skipping.
0: TCIV_4 interrupt skipping disabled
1: TCIV_4 interrupt skipping enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More