| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 449 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 449 Page - Renesas Technology Corp |
|
449 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 425 of 1200 REJ09B0344-0200 Table 10.34 TIOC4B Output Level Select Function Bit 4 Function Compare Match Output OLS3P Initial Output Active Level Up Count Down Count 0 High level Low level Low level High level 1 Low level High level High level Low level Table 10.35 TIOC4C Output Level Select Function Bit 3 Function Compare Match Output OLS2N Initial Output Active Level Up Count Down Count 0 High level Low level High level Low level 1 Low level High level Low level High level Note: The reverse phase waveform initial output value changes to the active level after elapse of the dead time after count start. Table 10.36 TIOC4A Output Level Select Function Bit 2 Function Compare Match Output OLS2P Initial Output Active Level Up Count Down Count 0 High level Low level Low level High level 1 Low level High level High level Low level Table 10.37 TIOC3D Output Level Select Function Bit 1 Function Compare Match Output OLS1N Initial Output Active Level Up Count Down Count 0 High level Low level High level Low level 1 Low level High level Low level High level Note: The reverse phase waveform initial output value changes to the active level after elapse of the dead time after count start. |