| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 441 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 441 Page - Renesas Technology Corp |
|
441 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 417 of 1200 REJ09B0344-0200 Bit Bit Name Initial Value R/W Description 1 SCH3S 0 R/(W)* Synchronous Start Controls synchronous start of TCNT_3S in the MTU2S. 0: Does not specify synchronous start for TCNT_3S in the MTU2S 1: Specifies synchronous start for TCNT_3S in the MTU2S [Clearing condition] • When 1 is set to the CST3 bit of TSTRS in MTU2S while SCH3S = 1 0 SCH4S 0 R/(W)* Synchronous Start Controls synchronous start of TCNT_4S in the MTU2S. 0: Does not specify synchronous start for TCNT_4S in the MTU2S 1: Specifies synchronous start for TCNT_4S in the MTU2S [Clearing condition] • When 1 is set to the CST4 bit of TSTRS in MTU2S while SCH4S = 1 Note: Only 1 can be written to set the register. |