công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 423 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 423 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 419Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 420Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 421Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 422Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 423Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 424Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 425Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 426Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 399 of 1200
REJ09B0344-0200
• TSR_5
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/(W)*1 R/(W)*1R/(W)*1
Note:
Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
1.
-
-
-
-
-
CMFU5 CMFV5 CMFW5
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
CMFU5
0
R/(W)*
1
Compare Match/Input Capture Flag U5
Status flag that indicates the occurrence of TGRU_5
input capture or compare match.
[Clearing condition]
• When 0 is written to CMFU5 after reading CMFU5 = 1
[Setting conditions]
• When TCNTU_5 = TGRU_5 and TGRU_5 is
functioning as output compare register
• When TCNTU_5 value is transferred to TGRU_5 by
input capture signal and TGRU_5 is functioning as
input capture register
• When TCNTU_5 value is transferred to TGRU_5 and
TGRU_5 is functioning as a register for measuring the
pulse width of the external input signal. The transfer
timing is specified by the IOC bits in timer I/O control
registers U_5, V_5, and W_5 (TIORU_5, TIORV_5,
and TIORW_5).*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com