| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 382 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 382 Page - Renesas Technology Corp |
|
382 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 358 of 1200 REJ09B0344-0200 10.3 Register Descriptions The MTU2 has the following registers. For details on register addresses and register states during each process, refer to section 26, List of Registers. To distinguish registers in each channel, an underscore and the channel number are added as a suffix to the register name; TCR for channel 0 is expressed as TCR_0. Table 10.3 Register Descriptions Channel Register Name Abbrevia- tion R/W Initial value Address Access Size Timer control register_0 TCR_0 R/W H'00 H'FFFE4300 8 Timer mode register_0 TMDR_0 R/W H'00 H'FFFE4301 8 Timer I/O control register H_0 TIORH_0 R/W H'00 H'FFFE4302 8 Timer I/O control register L_0 TIORL_0 R/W H'00 H'FFFE4303 8 Timer interrupt enable register_0 TIER_0 R/W H'00 H'FFFE4304 8 Timer status register_0 TSR_0 R/W H'C0 H'FFFE4305 8 Timer counter_0 TCNT_0 R/W H'0000 H'FFFE4306 16 Timer general register A_0 TGRA_0 R/W H'FFFF H'FFFE4308 16 Timer general register B_0 TGRB_0 R/W H'FFFF H'FFFE430A 16 Timer general register C_0 TGRC_0 R/W H'FFFF H'FFFE430C 16 Timer general register D_0 TGRD_0 R/W H'FFFF H'FFFE430E 16 Timer general register E_0 TGRE_0 R/W H'FFFF H'FFFE4320 16 Timer general register F_0 TGRF_0 R/W H'FFFF H'FFFE4322 16 Timer interrupt enable register2_0 TIER2_0 R/W H'00 H'FFFE4324 8 Timer status register2_0 TSR2_0 R/W H'C0 H'FFFE4325 8 0 Timer buffer operation transfer mode register_0 TBTM_0 R/W H'00 H'FFFE4326 8 Timer control register_1 TCR_1 R/W H'00 H'FFFE4380 8 Timer mode register_1 TMDR_1 R/W H'00 H'FFFE4381 8 Timer I/O control register_1 TIOR_1 R/W H'00 H'FFFE4382 8 1 Timer interrupt enable register_1 TIER_1 R/W H'00 H'FFFE4384 8 Timer status register_1 TSR_1 R/W H'C0 H'FFFE4385 8 |