công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 371 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 371 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 367Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 368Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 369Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 370Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 371Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 372Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 373Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 374Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 347 of 1200
REJ09B0344-0200
Figure 9.17 shows the TEND output timing.
CK
DACK
DREQ
TEND
Bus cycle
End of DMA transfer
DMAC
CPU
CPU
CPU
DMAC
Figure 9.17 Example of DMA Transfer End Signal Timing
(Cycle Steal Mode Level Detection)
The unit of the DMA transfer is divided into multiple bus cycles when 16-byte transfer is
performed for an 8-bit or 16-bit external device, when longword access is performed for an 8-bit
or 16-bit external device, or when word access is performed for an 8-bit external device. When a
setting is made so that the DMA transfer size is divided into multiple bus cycles and the
CS signal
is negated between bus cycles, note that DACK and TEND are divided like the
CS signal for data
alignment. Also, if the DREQ detection is set to level-detection mode (DS bit in CHCR = 0), the
DREQ sampling may not be detected correctly with divided DACK, and one extra overrun may
occur at maximum.
Use a setting that does not divide DACK or specify a transfer size smaller than the external device
bus width if DACK is divided. Figure 9.18 shows this example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More