| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 366 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 366 Page - Renesas Technology Corp |
|
366 / 1228 page ![]() Section 9 Direct Memory Access Controller (DMAC) Rev. 2.00 May. 08, 2008 Page 342 of 1200 REJ09B0344-0200 (b) Burst Mode In burst mode, once the DMAC obtains the bus mastership, it does not release the bus mastership and continues to perform transfer until the transfer end condition is satisfied. In external request mode with low level detection of the DREQ pin, however, when the DREQ pin is driven high, the bus mastership is passed to another bus master after the DMAC transfer request that has already been accepted ends, even if the transfer end conditions have not been satisfied. Figure 9.11 shows DMA transfer timing in burst mode. CPU CPU CPU DMAC DMAC DMAC DMAC CPU DREQ Bus cycle Read Read Write Write CPU Figure 9.11 DMA Transfer Example in Burst Mode (Dual Address, DREQ Low Level Detection) (3) Relationship between Request Modes and Bus Modes by DMA Transfer Category Table 9.10 shows the relationship between request modes and bus modes by DMA transfer category. |