| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 359 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 359 Page - Renesas Technology Corp |
|
359 / 1228 page ![]() Section 9 Direct Memory Access Controller (DMAC) Rev. 2.00 May. 08, 2008 Page 335 of 1200 REJ09B0344-0200 Figure 9.4 shows how the priority order changes when channel 0 and channel 3 transfers are requested simultaneously and a channel 1 transfer is requested during the channel 0 transfer. The DMAC operates as follows: 1. Transfer requests are generated simultaneously to channels 0 and 3. 2. Channel 0 has a higher priority, so the channel 0 transfer begins first (channel 3 waits for transfer). 3. A channel 1 transfer request occurs during the channel 0 transfer (channels 1 and 3 are both waiting) 4. When the channel 0 transfer ends, channel 0 is given the lowest priority among the round-robin channels. 5. At this point, channel 1 has a higher priority than channel 3, so the channel 1 transfer begins (channel 3 waits for transfer). 6. When the channel 1 transfer ends, channel 1 is given the lowest priority among the round-robin channels. 7. The channel 3 transfer begins. 8. When the channel 3 transfer ends, channels 3 and 2 are lowered in priority so that channel 3 is given the lowest priority among the round-robin channels. Transfer request Waiting channel(s) DMAC operation Channel priority (1) Channels 0 and 3 (3) Channel 1 0 > 1 > 2 > 3 > 4 > 5 > 6 > 7 (2) Channel 0 transfer start (4) Channel 0 transfer ends (5) Channel 1 transfer starts (6) Channel 1 transfer ends (7) Channel 3 transfer starts (8) Channel 3 transfer ends 1 > 2 > 3 > 0 > 4 > 5 > 6 > 7 2 > 3 > 0 > 1 > 4 > 5 > 6 > 7 0 > 1 > 2 > 3 > 4 > 5 > 6 > 7 Priority order changes Priority order changes Priority order changes None 3 3 1, 3 Figure 9.4 Changes in Channel Priority in Round-Robin Mode |