| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 350 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 350 Page - Renesas Technology Corp |
|
350 / 1228 page ![]() Section 9 Direct Memory Access Controller (DMAC) Rev. 2.00 May. 08, 2008 Page 326 of 1200 REJ09B0344-0200 Transfer requests from the various modules specify MID and RID as shown in table 9.4. Table 9.4 DMARS Settings Peripheral Module Setting Value for One Channel ({MID, RID}) MID RID Function SCIF_0 transmitter H'81 B'01 Transmit SCIF_0 receiver H'82 B'100000 B'10 Receive SCIF_1 transmitter H'85 B'01 Transmit SCIF_1 receiver H'86 B'100001 B'10 Receive SCIF_2 transmitter H'89 B'01 Transmit SCIF_2 receiver H'8A B'100010 B'10 Receive SCIF_3 transmitter H'8D B'01 Transmit SCIF_3 receiver H'8E B'100011 B'10 Receive IIC3 transmitter H'A1 B'01 Transmit IIC3 receiver H'A2 B'101000 B'10 Receive A/D converter H'B3 B'101100 B'11 ⎯ MTU2_0 H'E3 B'111000 B'11 ⎯ MTU2_1 H'E7 B'111001 B'11 ⎯ MTU2_2 H'EB B'111010 B'11 ⎯ MTU2_3 H'EF B'111011 B'11 ⎯ MTU2_4 H'F3 B'111100 B'11 ⎯ CMT_0 H'FB B'111110 B'11 ⎯ CMT_1 H'FF B'111111 B'11 ⎯ When MID or RID other than the values listed in table 9.4 is set, the operation of this LSI is not guaranteed. The transfer request from DMARS is valid only when the resource select bits (RS[3:0]) in CHCR0 to CHCR7 have been set to B'1000. Otherwise, even if DMARS has been set, the transfer request source is not accepted. |