công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 335 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 335 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 331Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 332Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 333Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 334Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 335Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 336Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 311 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Descriptions
28
RLD
0
R/W
Reload Function Enable or Disable
Enables or disables the reload function.
0: Disables the reload function
1: Enables the reload function
27 to 24
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
23
DO
0
R/W
DMA Overrun
Selects whether DREQ is detected by overrun 0 or by
overrun 1. This bit is valid only in CHCR_0 to
CHCR_3. This bit is reserved in CHCR_4 and
CHCR_7; it is always read as 0 and the write value
should always be 0.
0: Detects DREQ by overrun 0
1: Detects DREQ by overrun 1
22
TL
0
R/W
Transfer End Level
Specifies the TEND signal output is high active or low
active. This bit is valid only in CHCR_0 and CHCR_1.
This bit is reserved in CHCR_2 to CHCR_7; it is
always read as 0 and the write value should always be
0.
0: Low-active output from TEND
1: High-active output from TEND
21, 20
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More