| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37274EFSP bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37274EFSP bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 148 page ![]() 9 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER M37274EFSP PRELIMINARY Notice: This is not a final specification. Some paramentic limits are subject to change. MITSUBISHI MICROCOMPUTERS N-channel open-drain output Ports P45, P46 Note : Each pin is also used as follows : P45 : SOUT P46 : SCLK P52–P55 Note : Each port is also used as follows : P52 : R P54 : B P53 : G P55 : OUT1 CMOS output HSYNC, VSYNC Schmidt input Fig. 2. I/O Pin Block Diagram (2) Ports P40–P44 Note : Each port is also used as below : P40 : AD4 P41 : INT2 P42 : TIM2 P43 : TIM3 P44 : INT1 Input HSYNC, VSYNC SOUT, SCLK P52–P55 Data bus Direction register Internal circuit Data bus Ports P40–P44 Internal circuit |