| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37274EFSP bảng dữ liệu(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37274EFSP bảng dữ liệu(HTML) 98 Page - Renesas Technology Corp |
|
98 / 148 page ![]() 97 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER M37274EFSP PRELIMINARY Notice: This is not a final specification. Some paramentic limits are subject to change. MITSUBISHI MICROCOMPUTERS Fig. 99. Window L Register 2 Fig. 98. Window L Register 1 b7 b6 b5 b4 b3 b2 b1 b0 Window L register 1 (WL1) [Address 021D16] B Name Functions After reset R W Window L Register 1 0 to 7 Control bits of window top boundary (WL10 to WL17) (See note 1) Top boundary position (low-order 8 bits) TH ! (setting value of low-order 2 bits of WL2 ! 162 + setting value of high-order 4 bits of WL1 ! 161 + setting value of low-order 4 bits of WL1 ! 160) Indeterminate RW Notes 1: Set values fit for the following condition: (WH1+WH2 !162)<(WL1+WL2! 162) 2: TH is cycle of HSYNC. 3: WL2: Window L register 2 b7 b6 b5 b4 b3 b2 b1 b0 Window L register 2 (WL2) [Address 021F16] B Name Functions After reset R W Window L Register 2 0, 1 Control bits of window top boundary (WL20, WL21) (See note 1) Top boundary position (high-order 2 bits) TH ! (setting value of low-order 2 bits of WL2 ! 162 + setting value of high-order 4 bits of WL1 ! 161 + setting value of low-order 4 bits of WL1 ! 160) Indeterminate RW Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are indeterminate. 2 to 7 Indeterminate R— Notes 1: Set values fit for the following condition: (WH1+WH2 !162)<(WL1+WL2! 162) 2: TH is cycle of HSYNC. 3: WL1: Window L register 1 |