| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37274EFSP bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37274EFSP bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 148 page ![]() 34 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER M37274EFSP PRELIMINARY Notice: This is not a final specification. Some paramentic limits are subject to change. MITSUBISHI MICROCOMPUTERS b7 b6 b5 b4 b3 b2 b1 b0 A-D control register (ADCON) [Address 00EF16 ] B After reset RW A-D Control Register 0 to 2 Analog input pin selection bits (ADIN0 to ADIN2) Name Functions b2 b1 b0 0 0 0 : AD1 0 0 1 : AD2 0 1 0 : AD3 0 1 1 : AD4 1 0 0 : AD5 1 0 1 : AD6 1 1 0 : 1 1 1 : 4 VCC connection selection bit (ADVREF) 0: OFF 1: ON 0 Indeterminate Do not set. 6 Nothing is assigned. This bit is a write disable bit. When this bit is read out, the value is indeterminate. RW RW R— 3 A-D conversion completion bit (ADSTR) 0: Conversion in progress 1: Convertion completed Indeterminate RW 0 5, 7 Fix these bits to “0.” R— 00 Indeterminate Fig. 28. A-D Control Register |