công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4583 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện 4583
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  4583 Datasheet HTML 1Page - Renesas Technology Corp 4583 Datasheet HTML 2Page - Renesas Technology Corp 4583 Datasheet HTML 3Page - Renesas Technology Corp 4583 Datasheet HTML 4Page - Renesas Technology Corp 4583 Datasheet HTML 5Page - Renesas Technology Corp 4583 Datasheet HTML 6Page - Renesas Technology Corp 4583 Datasheet HTML 7Page - Renesas Technology Corp 4583 Datasheet HTML 8Page - Renesas Technology Corp 4583 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 153 page
background image
Rev.3.00
Aug 06, 2004
page 3 of 151
REJ03B0009-0300Z
4583 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
PERFORMANCE OVERVIEW
Function
149
0.5
µs (at 6.0 MHz oscillation frequency, in XIN through-mode)
16384 words ✕ 10 bits
384 words ✕ 4 bits
Seven independent I/O ports;
Port D6 is also used as CNTR0, respectively.
The output structure is switched by software.
4-bit I/O port; a pull-up function, a key-on wakeup function and output structure can be switched
by software.
4-bit I/O port; a pull-up function, a key-on wakeup function and output structure can be switched
by software.
3-bit I/O port
2-bit I/O port ; ports P30 and P31 are also used as INT0 and INT1, respectively.
4-bit I/O port ; ports P60, P61 are also used as AIN0, AIN1, respectively.
8-bit timer with a reload register is also used as an event counter.
Also, this is equipped with a period/pulse width measurement function.
8-bit timer with a reload register.
8-bit timer with a reload register is also used as an event counter.
8-bit timer with two reload registers and PWM output function.
10-bit wide ✕ 2 ch, This is equipped with an 8-bit comparator function.
7 (two for external, four for timer, one for A/D)
1 level
8 levels
CMOS silicon gate
32-pin plastic molded LQFP (32P6U-A)
–20 °C to 85 °C
1.8 V to 5.5 V (It depends on operation source clock, oscillation frequency and operating mode.)
2.5 V to 5.5 V (It depends on operation source clock, oscillation frequency and operating mode.)
2.8 mA (Ta=25°C, VDD=5V, f(XIN)=6 MHz, f(STCK)=f(XIN), on-chip oscillator stop)
70
µA (Ta=25°C, VDD=5V, f(XIN)=32 kHz, f(STCK)=f(XIN), on-chip oscillator stop)
150
µA (Ta=25°C, VDD=5V, on-chip oscillator is used, f(STCK)=f(RING), f(XIN) stop)
0.1
µA (Ta=25°C, VDD = 5 V, output transistors in the cut-off state)
Parameter
Number of basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
Timers
A/D converter
Interrupt
Subroutine nesting
Device structure
Package
Operating temperature range
Supply voltage
Power
dissipation
(typical value)
ROM
RAM
D0–D6
P00–P03
P10–P13
P20–P22
P30, P31
P60–P63
Timer 1
Timer 2
Timer 3
Timer 4
Sources
Nesting
Mask ROM version
One Time PROM version
Active mode
RAM back-up mode
I/O (Input is
examined by
skip decision)
I/O
I/O
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com