| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4583 bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4583 bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp |
|
63 / 153 page ![]() Rev.3.00 Aug 06, 2004 page 63 of 151 REJ03B0009-0300Z 4583 Group PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. Fig. 57 External clock input circuit Fig. 56 External quartz-crystal circuit Note: Externally connect a damping resistor Rd depending on the oscillation frequency. (A feedback resistor is built-in.) Use the quartz-crystal manu- facturer’s recommended value because constants such as ca- pacitance depend on the resonator. Fig. 53 Handling of XIN and XOUT when operating on-chip oscillator Fig. 54 Ceramic resonator external circuit Fig. 55 External RC oscillation circuit Execute the CMCK instruc- tion in program. Note: Externally connect a damping resistor Rd depending on the oscillation frequency. (A feedback resistor is built-in.) Use the resonator manu- facturer’s recommended value because constants such as ca- pacitance depend on the resonator. * M34583 XIN XOUT * Do not use the CMCK, CRCK and CYCK instructions in program. Open Open M34583 XIN XOUT Rd CIN COUT M34583 XIN XOUT R C * Execute the CRCK instruction in program. Open M34583 XIN XOUT Rd CIN COUT Execute the CYCK instruction in program. * M34583 XIN XOUT External oscillation circuit VDD VSS R 1k Ω or more Open (2) On-chip oscillator operation When the MCU operates by the on-chip oscillator as the main clock (f(XIN)) without using the ceramic resonator, RC oscillator or quartz-crystal oscillation, leave XIN pin and XOUT pin open (Figure 53). The clock frequency of the on-chip oscillator depends on the sup- ply voltage and the operation temperature range. Be careful that variable frequencies when designing application products. (3) Ceramic resonator When the ceramic resonator is used as the main clock (f(XIN)), connect the ceramic resonator and the external circuit to pins XIN and XOUT at the shortest distance. Then, execute the CMCK in- struction. A feedback resistor is built in between pins XIN and XOUT (Figure 54). (4) RC oscillation When the RC oscillation is used as the main clock (f(XIN)), connect the XIN pin to the external circuit of resistor R and the capacitor C at the shortest distance and leave XOUT pin open. Then, execute the CRCK instruction (Figure 55). The frequency is affected by a capacitor, a resistor and a micro- computer. So, set the constants within the range of the frequency limits. (5) Quartz-crystal oscillator When a quartz-crystal oscillator is used as the main clock (f(XIN)), connect this external circuit and a quartz-crystal oscillator to pins XIN and XOUT at the shortest distance. Then, execute the CYCK in- struction. A feedback resistor is built in between pins XIN and XOUT (Figure 56). (6) External clock When the external clock signal for the main clock (f(XIN)) is used, connect the clock source to XIN pin and XOUT pin open. In program, after the CMCK instruction is executed, set main clock (f(XIN)) os- cillation start to be enabled (MR1=0). For this product, when RAM back-up mode and main clock (f(XIN)) stop (MR1=1), XIN pin is fixed to “H” in order to avoid the through current by floating of internal logic. The XIN pin is fixed to “H” until main clock (f(XIN)) oscillation starts to be valid (MR1=0) by the CMCK instruction from reset state. Accordingly, when an external clock is used, connect a 1 k Ω or more resistor to XIN pin in series to limit of current by competitive signal. Execute the CMCK instruction in program, and set the main clock f(XIN) to be enabled (MR1=0) * |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |