công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4583 bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp

tên linh kiện 4583
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp

Back Button 4583 Datasheet HTML 42Page - Renesas Technology Corp 4583 Datasheet HTML 43Page - Renesas Technology Corp 4583 Datasheet HTML 44Page - Renesas Technology Corp 4583 Datasheet HTML 45Page - Renesas Technology Corp 4583 Datasheet HTML 46Page - Renesas Technology Corp 4583 Datasheet HTML 47Page - Renesas Technology Corp 4583 Datasheet HTML 48Page - Renesas Technology Corp 4583 Datasheet HTML 49Page - Renesas Technology Corp 4583 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
Rev.3.00
Aug 06, 2004
page 46 of 151
REJ03B0009-0300Z
4583 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Table 12 A/D control registers
A/D operation mode selection bit
Not used
Not used
Analog input pin selection bits
A/D control register Q1
at RAM back-up : state retained
at reset : 00002
Q13
Q12
Q11
Q10
A/D conversion mode
Comparator mode
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
AIN0
AIN1
R/W
TAQ1/TQ1A
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
P61
AIN1
P60
AIN0
Not used
Not used
P61/AIN1 pin function selection bit
P60/AIN0 pin function selection bit
0
1
0
1
0
1
0
1
Q23
Q22
Q21
Q20
R/W
TAQ2/TQ2A
A/D control register Q2
at RAM back-up : state retained
at reset : 00002
Note: “R” represents read enabled, and “W” represents write enabled.
Not used
A/D converter operation clock selection bit
A/D converter operation clock division
ratio selection bits
A/D control register Q3
Q33
Q32
Q31
Q30
at reset : 00002
at RAM back-up : state retained
0
1
0
1
Q31
0
0
1
1
Q30
0
1
0
1
Division ratio
Frequency divided by 6
Frequency divided by 12
Frequency divided by 24
Frequency divided by 48
This bit has no function, but read/write is enabled.
Instruction clock (INSTCK)
On-chip oscillator (f(RING))
R/W
TAQ3/TQ3A
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com