công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4583 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp

tên linh kiện 4583
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp

Back Button 4583 Datasheet HTML 45Page - Renesas Technology Corp 4583 Datasheet HTML 46Page - Renesas Technology Corp 4583 Datasheet HTML 47Page - Renesas Technology Corp 4583 Datasheet HTML 48Page - Renesas Technology Corp 4583 Datasheet HTML 49Page - Renesas Technology Corp 4583 Datasheet HTML 50Page - Renesas Technology Corp 4583 Datasheet HTML 51Page - Renesas Technology Corp 4583 Datasheet HTML 52Page - Renesas Technology Corp 4583 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 153 page
background image
Rev.3.00
Aug 06, 2004
page 49 of 151
REJ03B0009-0300Z
4583 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
(9) Operation at comparator mode
The A/D converter is set to comparator mode by setting bit 3 of the
register Q1 to “1.”
Below, the operation at comparator mode is described.
(10) Comparator register
In comparator mode, the built-in DA comparator is connected to the
8-bit comparator register as a register for setting comparison volt-
ages. The contents of register B is stored in the high-order 4 bits of
the comparator register and the contents of register A is stored in
the low-order 4 bits of the comparator register with the TADAB in-
struction.
When changing from A/D conversion mode to comparator mode,
the result of A/D conversion (register AD) is undefined.
However, because the comparator register is separated from regis-
ter AD, the value is retained even when changing from comparator
mode to A/D conversion mode. Note that the comparator register
can be written and read at only comparator mode.
If the value in the comparator register is n, the logic value of com-
parison voltage Vref generated by the built-in DA converter can be
determined from the following formula:
(11) Comparison result store flag (ADF)
In comparator mode, the ADF flag, which shows completion of A/D
conversion, stores the results of comparing the analog input volt-
age with the comparison voltage. When the analog input voltage is
lower than the comparison voltage, the ADF flag is set to “1.” The
state of ADF flag can be examined with the skip instruction
(SNZAD). Use the interrupt control register V2 to select the inter-
rupt or the skip instruction.
The ADF flag is cleared to “0” when the interrupt occurs or when
the next instruction is skipped with the skip instruction.
(12) Comparator operation start instruction
(ADST instruction)
In comparator mode, executing ADST starts the comparator oper-
ating.
The comparator stops 2 machine cycles + A/D conversion clock
f(ADCK) 1 clock after it has started (4
µs at f(XIN) = 6.0 MHz in XIN
through mode, f(ADCK) = f(INSTCK)/6). When the analog input
voltage is lower than the comparison voltage, the ADF flag is set to
“1.”
(13) Notes for the use of A/D conversion
• TALA instruction
When the TALA instruction is executed, the low-order 2 bits of
register AD is transferred to the high-order 2 bits of register A, si-
multaneously, the low-order 2 bits of register A is “0.”
• Operation mode of A/D converter
Do not change the operating mode (both A/D conversion mode
and comparator mode) of A/D converter with the bit 3 of register
Q1 while the A/D converter is operating.
Clear the bit 2 of register V2 to “0” to change the operating mode
of the A/D converter from the comparator mode to A/D conver-
sion mode.
The A/D conversion completion flag (ADF) may be set when the
operating mode of the A/D converter is changed from the com-
parator mode to the A/D conversion mode. Accordingly, set a
value to the register Q1, and execute the SNZAD instruction to
clear the ADF flag.
Logic value of comparison voltage Vref
Vref =
✕ n
n: The value of register AD (n = 0 to 255)
Fig. 38 Comparator operation timing chart
VDD
256
ADST instruction
Comparison result
store flag(ADF)
2 machine cycles + 1/f(ADCK)
DAC operation signal
Comparator operation completed.
(The value of ADF is determined)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com