công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4583 bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp

tên linh kiện 4583
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp

Back Button 4583 Datasheet HTML 24Page - Renesas Technology Corp 4583 Datasheet HTML 25Page - Renesas Technology Corp 4583 Datasheet HTML 26Page - Renesas Technology Corp 4583 Datasheet HTML 27Page - Renesas Technology Corp 4583 Datasheet HTML 28Page - Renesas Technology Corp 4583 Datasheet HTML 29Page - Renesas Technology Corp 4583 Datasheet HTML 30Page - Renesas Technology Corp 4583 Datasheet HTML 31Page - Renesas Technology Corp 4583 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 153 page
background image
Rev.3.00
Aug 06, 2004
page 28 of 151
REJ03B0009-0300Z
4583 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
(5) Notes on External 1 interrupt
➀ Note [1] on bit 3 of register I2
When the input of the INT1 pin is controlled with the bit 3 of reg-
ister I2 in software, be careful about the following notes.
• Depending on the input state of the P31/INT1 pin, the external 1
interrupt request flag (EXF1) may be set when the bit 3 of regis-
ter I2 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 1 of register V1 to “0” (refer to
Figure 21➀) and then, change the bit 3 of register I2.
In addition, execute the SNZ1 instruction to clear the EXF1 flag
to “0” after executing at least one instruction (refer to Figure
21➁).
Also, set the NOP instruction for the case when a skip is per-
formed with the SNZ1 instruction (refer to Figure 21➂).
LA
4
; (✕✕0✕2)
TV1A
; The SNZ1 instruction is valid ........... ➀
LA
8
; (1✕✕✕2)
TI2A
; Control of INT1 pin input is changed
NOP
........................................................... ➁
SNZ1
; The SNZ1 instruction is executed
(EXF1 flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 21 External 1 interrupt program example-1
➁ Note [2] on bit 3 of register I2
When the bit 3 of register I2 is cleared to “0” , the RAM back-up
mode is selected and the input of INT1 pin is disabled, be careful
about the following notes.
• When the input of INT1 pin is disabled (register I23 = “0”), set the
key-on wakeup function to be invalid (register K22 = “0”) before
system enters to the RAM back-up mode. (refer to Figure 22➀).
LA
0
; (✕0✕✕2)
TK2A
; Input of INT1 key-on wakeup invalid .. ➀
DI
EPOF
POF
; RAM back-up
✕ : these bits are not used here.
Fig. 22 External 1 interrupt program example-2
➂ Note on bit 2 of register I2
When the interrupt valid waveform of the P31/INT1 pin is
changed with the bit 2 of register I2 in software, be careful about
the following notes.
• Depending on the input state of the P31/INT1 pin, the external 1
interrupt request flag (EXF1) may be set when the bit 2 of regis-
ter I2 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 1 of register V1 to “0” (refer to
Figure 23➀) and then, change the bit 2 of register I2.
In addition, execute the SNZ1 instruction to clear the EXF1 flag
to “0” after executing at least one instruction (refer to Figure
23➁).
Also, set the NOP instruction for the case when a skip is per-
formed with the SNZ1 instruction (refer to Figure 23➂).
LA
4
; (✕✕0✕2)
TV1A
; The SNZ1 instruction is valid ........... ➀
LA
12
; (✕1✕✕2)
TI2A
; Interrupt valid waveform is changed
NOP
........................................................... ➁
SNZ1
; The SNZ1 instruction is executed
(EXF1 flag cleared)
NOP
........................................................... ➂
✕ : these bits are not used here.
Fig. 23 External 1 interrupt program example-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com