công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4583 bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp

tên linh kiện 4583
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4583 bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp

Back Button 4583 Datasheet HTML 60Page - Renesas Technology Corp 4583 Datasheet HTML 61Page - Renesas Technology Corp 4583 Datasheet HTML 62Page - Renesas Technology Corp 4583 Datasheet HTML 63Page - Renesas Technology Corp 4583 Datasheet HTML 64Page - Renesas Technology Corp 4583 Datasheet HTML 65Page - Renesas Technology Corp 4583 Datasheet HTML 66Page - Renesas Technology Corp 4583 Datasheet HTML 67Page - Renesas Technology Corp 4583 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
Rev.3.00
Aug 06, 2004
page 64 of 151
REJ03B0009-0300Z
4583 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
ROM ORDERING METHOD
1.Mask ROM Order Confirmation Form✽
2.Mark Specification Form✽
3.Data to be written to ROM, in EPROM form (three identical cop-
ies) or one floppy disk.
✽ For the mask ROM confirmation and the mark specifications, re-
fer to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com/en/rom).
(7) Clock control register MR
Register MR controls system clock. Set the contents of this register
through register A with the TMRA instruction. In addition, the TAMR
instruction can be used to transfer the contents of register MR to
register A.
Table 20 Clock control registers
Note: “R” represents read enabled, and “W” represents write enabled.
MR3
Clock control register MR
Operation mode
Through mode (frequency not divided)
Frequency divided by 2 mode
Frequency divided by 4 mode
Frequency divided by 8 mode
Main clock (f(XIN)) oscillation enabled
Main clock (f(XIN)) oscillation stop
Main clock (f(XIN))
On-chip oscillator clock (f(RING))
at reset : 11112
at RAM back-up : 11112
MR3
0
0
1
1
R/W
TAMR/
TMRA
Main clock f(XIN) oscillation circuit control bit
System clock oscillation source selection bit
Operation mode selection bits
0
1
0
1
MR2
0
1
0
1
MR1
MR0
MR2
0
1
On-chip oscillator (f(RING)) oscillation enabled
On-chip oscillator (f(RING)) oscillation stop
On-chip oscillator (f(RING)) control bit
Clock control register RG
W
TRGA
at RAM back-up : 02
at reset : 02
RG0
(8) Clock control register RG
Register RG controls start/stop of on-chip oscillator. Set the con-
tents of this register through register A with the TRGA instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com