| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECP2 bảng dữ liệu(PDF) 183 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 bảng dữ liệu(HTML) 183 Page - Lattice Semiconductor |
|
183 / 386 page ![]() 4-82 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet GND GNDIO2 - GNDIO2 - M19 PR15A 2 RDQ16 T PR21A 2 RDQ22 T L22 PR14B 2 RDQ16 C (LVDS)* PR20B 2 RDQ22 C (LVDS)* M22 PR14A 2 RDQ16 T (LVDS)* PR20A 2 RDQ22 T (LVDS)* K21 PR13B 2 RDQ16 C PR19B 2 RDQ22 C VCCIO VCCIO2 2 VCCIO2 2 M21 PR13A 2 RDQ16 T PR19A 2 RDQ22 T K24 PR12B 2 RDQ16 C (LVDS)* PR18B 2 RDQ22 C (LVDS)* J24 PR12A 2 RDQ16 T (LVDS)* PR18A 2 RDQ22 T (LVDS)* GND GNDIO2 - GNDIO2 - VCCIO VCCIO2 2 VCCIO2 2 L20 VCC - NC - GND GNDIO2 - GNDIO2 - J26 NC - NC - J25 NC - NC - J23 NC - NC - K23 NC - NC - VCCIO VCCIO2 2 VCCIO2 2 H26 NC - NC - H25 NC - NC - H24 NC - NC - GND GNDIO2 - GNDIO2 - H23 NC - NC - VCCIO VCCIO2 2 VCCIO2 2 G26 PR11B 2 RDQ8 C PR17B 2 RDQ14 C GND GNDIO2 - GNDIO2 - G25 PR11A 2 RDQ8 T PR17A 2 RDQ14 T F26 PR10B 2 RDQ8 C (LVDS)* PR16B 2 RDQ14 C (LVDS)* F25 PR10A 2 RDQ8 T (LVDS)* PR16A 2 RDQ14 T (LVDS)* K20 PR9B 2 RDQ8 C PR15B 2 RDQ14 C VCCIO VCCIO2 2 VCCIO2 2 L19 PR9A 2 RDQ8 T PR15A 2 RDQ14 T E26 PR8B 2 RDQ8 C (LVDS)* PR14B 2 RDQ14 C (LVDS)* E25 PR8A 2 RDQS8 T (LVDS)* PR14A 2 RDQS14 T (LVDS)* GND GNDIO2 - GNDIO2 - J22 PR7B 2 RDQ8 C PR13B 2 RDQ14 C H22 PR7A 2 RDQ8 T PR13A 2 RDQ14 T G24 PR6B 2 RDQ8 C (LVDS)* PR12B 2 RDQ14 C (LVDS)* G23 PR6A 2 RDQ8 T (LVDS)* PR12A 2 RDQ14 T (LVDS)* VCCIO VCCIO2 2 VCCIO2 2 K19 PR5B 2 RDQ8 C PR11B 2 RDQ14 C J19 PR5A 2 RDQ8 T PR11A 2 RDQ14 T D26 PR4B 2 RDQ8 C (LVDS)* PR10B 2 RDQ14 C (LVDS)* C26 PR4A 2 RDQ8 T (LVDS)* PR10A 2 RDQ14 T (LVDS)* F22 NC - PR9B 2 RDQ6 C E24 NC - PR9A 2 RDQ6 T GND GNDIO2 - GNDIO2 - LFE2-20E/SE and LFE2-35E/SE Logic Signal Connections: 672 fpBGA LFE2-20E/20SE LFE2-35E/35SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |