| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECP2 bảng dữ liệu(PDF) 181 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 bảng dữ liệu(HTML) 181 Page - Lattice Semiconductor |
|
181 / 386 page ![]() 4-80 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet AA22 CCLK 8 CCLK 8 AB24 INITN 8 INITN 8 AD25 DONE 8 DONE 8 GND GNDIO8 - GNDIO8 - W21 PR44B 8 WRITEN C PR58B 8 WRITEN C Y22 PR44A 8 CS1N T PR58A 8 CS1N T AC25 PR43B 8 CSN C PR57B 8 CSN C AB25 PR43A 8 D0/SPIFASTN T PR57A 8 D0/SPIFASTN T VCCIO VCCIO8 8 VCCIO8 8 AD26 PR42B 8 D1 C PR56B 8 D1 C AC26 PR42A 8 D2 T PR56A 8 D2 T Y23 PR41B 8 D3 C PR55B 8 D3 C GND GNDIO8 - GNDIO8 - W22 PR41A 8 D4 T PR55A 8 D4 T AA25 PR40B 8 D5 C PR54B 8 D5 C AB26 PR40A 8 D6 T PR54A 8 D6 T W23 PR39B 8 D7 C PR53B 8 D7 C VCCIO VCCIO8 8 VCCIO8 8 V22 PR39A 8 DI/CSSPI0N T PR53A 8 DI/CSSPI0N T Y24 PR38B 8 DOUT/CSON C PR52B 8 DOUT/CSON C Y25 PR38A 8 BUSY/SISPI T PR52A 8 BUSY/SISPI T W24 PR37B 3 RDQ34 C PR51B 3 RDQ48 C GND GNDIO3 - GNDIO3 - V23 PR37A 3 RDQ34 T PR51A 3 RDQ48 T AA26 PR36B 3 RDQ34 C (LVDS)* PR50B 3 RDQ48 C (LVDS)* Y26 PR36A 3 RDQ34 T (LVDS)* PR50A 3 RDQ48 T (LVDS)* U21 PR35B 3 RDQ34 C PR49B 3 RDQ48 C VCCIO VCCIO3 3 VCCIO3 3 U19 PR35A 3 RDQ34 T PR49A 3 RDQ48 T W25 PR34B 3 RDQ34 C (LVDS)* PR48B 3 RDQ48 C (LVDS)* W26 PR34A 3 RDQS34 T (LVDS)* PR48A 3 RDQS48 T (LVDS)* GND GNDIO3 - GNDIO3 - V24 PR33B 3 RDQ34 C PR47B 3 RDQ48 C V25 PR33A 3 RDQ34 T PR47A 3 RDQ48 T V26 PR32B 3 RDQ34 C (LVDS)* PR46B 3 RDQ48 C (LVDS)* U26 PR32A 3 RDQ34 T (LVDS)* PR46A 3 RDQ48 T (LVDS)* VCCIO VCCIO3 3 VCCIO3 3 U22 PR31B 3 RLM0_GPLLC_FB_A/RDQ34 C PR45B 3 RLM0_GPLLC_FB_A/RDQ48 C U23 PR31A 3 RLM0_GPLLT_FB_A/RDQ34 T PR45A 3 RLM0_GPLLT_FB_A/RDQ48 T U24 PR30B 3 RLM0_GPLLC_IN_A**/RDQ34 C (LVDS)* PR44B 3 RLM0_GPLLC_IN_A**/RDQ48 C (LVDS)* U25 PR30A 3 RLM0_GPLLT_IN_A**/RDQ34 T (LVDS)* PR44A 3 RLM0_GPLLT_IN_A**/RDQ48 T (LVDS)* R20 RLM0_PLLCAP 3 RLM0_PLLCAP 3 P18 VCC 3 VCCPLL 3 T19 PR28B 3 RLM0_GDLLC_FB_A/RDQ25 C PR42B 3 RLM0_GDLLC_FB_A/RDQ39 C U20 PR28A 3 RLM0_GDLLT_FB_A/RDQ25 T PR42A 3 RLM0_GDLLT_FB_A/RDQ39 T GND GNDIO3 - GNDIO3 - T25 PR27B 3 RLM0_GDLLC_IN_A**/RDQ25 C (LVDS)* PR41B 3 RLM0_GDLLC_IN_A**/RDQ39 C (LVDS)* LFE2-20E/SE and LFE2-35E/SE Logic Signal Connections: 672 fpBGA LFE2-20E/20SE LFE2-35E/35SE Ball Number Ball/Pad Function Bank Dual Function Differential Ball/Pad Function Bank Dual Function Differential |