công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECP2 bảng dữ liệu(PDF) 50 Page - Lattice Semiconductor

tên linh kiện ECP2
Giải thích chi tiết về linh kiện  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 bảng dữ liệu(HTML) 50 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 46Page - Lattice Semiconductor ECP2 Datasheet HTML 47Page - Lattice Semiconductor ECP2 Datasheet HTML 48Page - Lattice Semiconductor ECP2 Datasheet HTML 49Page - Lattice Semiconductor ECP2 Datasheet HTML 50Page - Lattice Semiconductor ECP2 Datasheet HTML 51Page - Lattice Semiconductor ECP2 Datasheet HTML 52Page - Lattice Semiconductor ECP2 Datasheet HTML 53Page - Lattice Semiconductor ECP2 Datasheet HTML 54Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 386 page
background image
2-47
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Each Transmit and Receive channel has its independent power supplies. The Output and Input buffers of each
channel also have their own independent power supplies. In addition, there are separate power supplies for PLL,
terminating resistor per quad.
Figure 2-40. Simplified Channel Block Diagram for SERDES and PCS
PCS
As shown in Figure 2-40, the PCS receives the parallel digital data from the deserializer receivers and adjusts the
polarity, detects, byte boundary, decodes (8b/10b) and provides Clock Tolerance Compensation (CTC) FIFO for
changing the clock domain from receiver clock to the FPGA Clock.
For the transmit channel, the PCS block receives the parallel data from the FPGA core, encodes it with 8b/10b,
adjusts the polarity and passes the 8/10 bit data to the transmit SERDES channel.
The PCS also provides bypass modes that allow a direct 8-bit or 10-bit interface from the SERDES to the FPGA
logic. The PCS interface to FPGA can also be programmed to run at 1/2 speed for a 16-bit or 20-bit interface to the
FPGA logic.
SCI (SERDES Client Interface) Bus
The SERDES Client Interface (SCI) is a soft IP interface that allow the SERDES/PCS Quad block to be controlled
by registers as opposed to the configuration memory cells. It is a simple register configuration interface.
The ispLEVER design tools from Lattice support all modes of the PCS. Most modes are dedicated to applications
associated with a specific industry standard data protocol. Other more general purpose modes allow users to
define their own operation. With ispLEVER, the user can define the mode for each quad in a design.
Popular standards such as 10Gb Ethernet and x4 PCI-Express and 4x Serial RapidIO can be implemented using
IP (provided by Lattice), a single quad (Four SERDES channels and PCS) and some additional logic from the core.
For further information about SERDES, please see the list of additional technical documentation at the end of this
data sheet.
Deserializer
1:8/1:10
Polarity
Adjust
Equalizer
Byte Boundary
Detect, 8b/10b
Decoder
CTC
FIFO
Down
Sample
FIFO
Up
Sample
FIFO
8b/10b
Encoder
Polarity
Adjust
Serializer
TX PLL
FPGA Transmit Clock
Recovered Clock
RX REFCLK
FPGA Receive Clock
To FPGA Core
Transmit
Receiver
8/10 bits or
16/20 bits
Transmit Data
Elastic Buffer
Read Clock
16/20 bits
Receive Data
From Transmit PLL
(In Common Block)
SERDES (Analog)
PCS (Digital)
8:1/10:1
TX REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com