| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 201 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 201 Page - Nordic Semiconductor |
|
201 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z Y V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Enabled 1 Read: Enabled O RW EDSTOPPED Write '1' to enable interrupt for event EDSTOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled P RW CCAIDLE Write '1' to enable interrupt for event CCAIDLE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Q RW CCABUSY Write '1' to enable interrupt for event CCABUSY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled R RW CCASTOPPED Write '1' to enable interrupt for event CCASTOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled S RW RATEBOOST Write '1' to enable interrupt for event RATEBOOST Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled T RW TXREADY Write '1' to enable interrupt for event TXREADY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW RXREADY Write '1' to enable interrupt for event RXREADY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW MHRMATCH Write '1' to enable interrupt for event MHRMATCH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Y RW SYNC Write '1' to enable interrupt for event SYNC A possible preamble has been received in Ble_LR125Kbit, Ble_LR500Kbit, or Ieee802154_250Kbit modes during an RX transaction. False triggering of the event is possible. Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Z RW PHYEND Write '1' to enable interrupt for event PHYEND Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled a RW CTEPRESENT Write '1' to enable interrupt for event CTEPRESENT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4463_156 v1.0 201 |