| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 77 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 77 Page - Nordic Semiconductor |
|
77 / 437 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_LFCLKSTARTED LFCLK started NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.10 EVENTS_DONE Address offset: 0x10C Calibration of LFRC completed Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_DONE Calibration of LFRC completed NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.11 EVENTS_CTTO Address offset: 0x110 Calibration timer timeout Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CTTO Calibration timer timeout NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.12 EVENTS_CTSTARTED Address offset: 0x128 Calibration timer has been started and is ready to process new tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CTSTARTED Calibration timer has been started and is ready to process new tasks NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.13 EVENTS_CTSTOPPED Address offset: 0x12C Calibration timer has been stopped and is ready to process new tasks 4463_156 v1.0 77 |