| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 34 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 34 Page - Nordic Semiconductor |
|
34 / 437 page ![]() Core components Register Offset Description NRFHW[1] 0x054 Reserved for Nordic hardware design NRFHW[2] 0x058 Reserved for Nordic hardware design NRFHW[3] 0x05C Reserved for Nordic hardware design NRFHW[4] 0x060 Reserved for Nordic hardware design NRFHW[5] 0x064 Reserved for Nordic hardware design NRFHW[6] 0x068 Reserved for Nordic hardware design NRFHW[7] 0x06C Reserved for Nordic hardware design NRFHW[8] 0x070 Reserved for Nordic hardware design NRFHW[9] 0x074 Reserved for Nordic hardware design NRFHW[10] 0x078 Reserved for Nordic hardware design NRFHW[11] 0x07C Reserved for Nordic hardware design CUSTOMER[0] 0x080 Reserved for customer CUSTOMER[1] 0x084 Reserved for customer CUSTOMER[2] 0x088 Reserved for customer CUSTOMER[3] 0x08C Reserved for customer CUSTOMER[4] 0x090 Reserved for customer CUSTOMER[5] 0x094 Reserved for customer CUSTOMER[6] 0x098 Reserved for customer CUSTOMER[7] 0x09C Reserved for customer CUSTOMER[8] 0x0A0 Reserved for customer CUSTOMER[9] 0x0A4 Reserved for customer CUSTOMER[10] 0x0A8 Reserved for customer CUSTOMER[11] 0x0AC Reserved for customer CUSTOMER[12] 0x0B0 Reserved for customer CUSTOMER[13] 0x0B4 Reserved for customer CUSTOMER[14] 0x0B8 Reserved for customer CUSTOMER[15] 0x0BC Reserved for customer CUSTOMER[16] 0x0C0 Reserved for customer CUSTOMER[17] 0x0C4 Reserved for customer CUSTOMER[18] 0x0C8 Reserved for customer CUSTOMER[19] 0x0CC Reserved for customer CUSTOMER[20] 0x0D0 Reserved for customer CUSTOMER[21] 0x0D4 Reserved for customer CUSTOMER[22] 0x0D8 Reserved for customer CUSTOMER[23] 0x0DC Reserved for customer CUSTOMER[24] 0x0E0 Reserved for customer CUSTOMER[25] 0x0E4 Reserved for customer CUSTOMER[26] 0x0E8 Reserved for customer CUSTOMER[27] 0x0EC Reserved for customer CUSTOMER[28] 0x0F0 Reserved for customer CUSTOMER[29] 0x0F4 Reserved for customer CUSTOMER[30] 0x0F8 Reserved for customer CUSTOMER[31] 0x0FC Reserved for customer PSELRESET[0] 0x200 Mapping of the nRESET function (see POWER chapter for details) PSELRESET[1] 0x204 Mapping of the nRESET function (see POWER chapter for details) APPROTECT 0x208 Access port protection DEBUGCTRL 0x210 Processor debug control REGOUT0 0x304 Output voltage from REG0 regulator stage. The maximum output voltage from this stage is given as VDDH - VREG0DROP. Table 11: Register overview 4463_156 v1.0 34 |