| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 78 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 78 Page - Nordic Semiconductor |
|
78 / 437 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CTSTOPPED Calibration timer has been stopped and is ready to process new tasks NotGenerated 0 Event not generated Generated 1 Event generated 5.4.3.14 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW HFCLKSTARTED Write '1' to enable interrupt for event HFCLKSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW LFCLKSTARTED Write '1' to enable interrupt for event LFCLKSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW DONE Write '1' to enable interrupt for event DONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW CTTO Write '1' to enable interrupt for event CTTO Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW CTSTARTED Write '1' to enable interrupt for event CTSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW CTSTOPPED Write '1' to enable interrupt for event CTSTOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.4.3.15 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW HFCLKSTARTED Write '1' to disable interrupt for event HFCLKSTARTED 4463_156 v1.0 78 |