| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 202 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 202 Page - Nordic Semiconductor |
|
202 / 437 page ![]() Peripherals 6.12.15.40 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z Y V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY Write '1' to disable interrupt for event READY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ADDRESS Write '1' to disable interrupt for event ADDRESS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW PAYLOAD Write '1' to disable interrupt for event PAYLOAD Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW END Write '1' to disable interrupt for event END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW DISABLED Write '1' to disable interrupt for event DISABLED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW DEVMATCH Write '1' to disable interrupt for event DEVMATCH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW DEVMISS Write '1' to disable interrupt for event DEVMISS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW RSSIEND Write '1' to disable interrupt for event RSSIEND A new RSSI sample is ready for readout from the RADIO.RSSISAMPLE register Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW BCMATCH Write '1' to disable interrupt for event BCMATCH Bit counter value is specified in the RADIO.BCC register Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW CRCOK Write '1' to disable interrupt for event CRCOK Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW CRCERROR Write '1' to disable interrupt for event CRCERROR 4463_156 v1.0 202 |