| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 198 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 198 Page - Nordic Semiconductor |
|
198 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_PHYEND Generated when last bit is sent on air, or received from air NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.37 EVENTS_CTEPRESENT Address offset: 0x170 CTE is present (early warning right after receiving CTEInfo byte) Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CTEPRESENT CTE is present (early warning right after receiving CTEInfo byte) NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.38 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID U T S R Q P O N M L K H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY_START Shortcut between event READY and task START Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW END_DISABLE Shortcut between event END and task DISABLE Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW DISABLED_TXEN Shortcut between event DISABLED and task TXEN Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW DISABLED_RXEN Shortcut between event DISABLED and task RXEN Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW ADDRESS_RSSISTART Shortcut between event ADDRESS and task RSSISTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW END_START Shortcut between event END and task START Disabled 0 Disable shortcut Enabled 1 Enable shortcut G RW ADDRESS_BCSTART Shortcut between event ADDRESS and task BCSTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut H RW DISABLED_RSSISTOP Shortcut between event DISABLED and task RSSISTOP 4463_156 v1.0 198 |