| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 197 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 197 Page - Nordic Semiconductor |
|
197 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_RXREADY RADIO has ramped up and is ready to be started RX path NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.34 EVENTS_MHRMATCH Address offset: 0x15C MAC header match found Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_MHRMATCH MAC header match found NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.35 EVENTS_SYNC Address offset: 0x168 Preamble indicator A possible preamble has been received in Ble_LR125Kbit, Ble_LR500Kbit, or Ieee802154_250Kbit modes during an RX transaction. False triggering of the event is possible. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_SYNC Preamble indicator A possible preamble has been received in Ble_LR125Kbit, Ble_LR500Kbit, or Ieee802154_250Kbit modes during an RX transaction. False triggering of the event is possible. NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.36 EVENTS_PHYEND Address offset: 0x16C Generated when last bit is sent on air, or received from air 4463_156 v1.0 197 |