| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 350 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 350 Page - Nordic Semiconductor |
|
350 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description E RW CALIBRATEDONE Write '1' to Disable interrupt for CALIBRATEDONE event See EVENTS_CALIBRATEDONE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW STOPPED Write '1' to Disable interrupt for STOPPED event See EVENTS_STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW CH0LIMITH Write '1' to Disable interrupt for CH[0].LIMITH event See EVENTS_CH[0].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW CH0LIMITL Write '1' to Disable interrupt for CH[0].LIMITL event See EVENTS_CH[0].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW CH1LIMITH Write '1' to Disable interrupt for CH[1].LIMITH event See EVENTS_CH[1].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW CH1LIMITL Write '1' to Disable interrupt for CH[1].LIMITL event See EVENTS_CH[1].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW CH2LIMITH Write '1' to Disable interrupt for CH[2].LIMITH event See EVENTS_CH[2].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW CH2LIMITL Write '1' to Disable interrupt for CH[2].LIMITL event See EVENTS_CH[2].LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M RW CH3LIMITH Write '1' to Disable interrupt for CH[3].LIMITH event See EVENTS_CH[3].LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled N RW CH3LIMITL Write '1' to Disable interrupt for CH[3].LIMITL event See EVENTS_CH[3].LIMITL 4430_161 v1.0 350 |