| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 296 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 296 Page - Nordic Semiconductor |
|
296 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW READY_START Shortcut between READY event and START task See EVENTS_READY and TASKS_START Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW END_DISABLE Shortcut between END event and DISABLE task See EVENTS_END and TASKS_DISABLE Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW DISABLED_TXEN Shortcut between DISABLED event and TXEN task See EVENTS_DISABLED and TASKS_TXEN Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW DISABLED_RXEN Shortcut between DISABLED event and RXEN task See EVENTS_DISABLED and TASKS_RXEN Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW ADDRESS_RSSISTART Shortcut between ADDRESS event and RSSISTART task See EVENTS_ADDRESS and TASKS_RSSISTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW END_START Shortcut between END event and START task See EVENTS_END and TASKS_START Disabled 0 Disable shortcut Enabled 1 Enable shortcut G RW ADDRESS_BCSTART Shortcut between ADDRESS event and BCSTART task See EVENTS_ADDRESS and TASKS_BCSTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut H RW DISABLED_RSSISTOP Shortcut between DISABLED event and RSSISTOP task See EVENTS_DISABLED and TASKS_RSSISTOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.14.14.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW READY Write '1' to Enable interrupt for READY event See EVENTS_READY Set 1 Enable Disabled 0 Read: Disabled 4430_161 v1.0 296 |