| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 283 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 283 Page - Nordic Semiconductor |
|
283 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.13.7.12 PSEL.A Address offset: 0x520 Pin select for A signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.13.7.13 PSEL.B Address offset: 0x524 Pin select for B signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.13.7.14 DBFEN Address offset: 0x528 Enable input debounce filters Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW DBFEN Enable input debounce filters Disabled 0 Debounce input filters disabled Enabled 1 Debounce input filters enabled 4430_161 v1.0 283 |