| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 232 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 232 Page - Nordic Semiconductor |
|
232 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW EEP Pointer to event register. Accepts only addresses to registers from the Event group. 6.11.2.43 CH[19].TEP Address offset: 0x5AC Channel 19 task end-point Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TEP Pointer to task register. Accepts only addresses to registers from the Task group. 6.11.2.44 CHG[0] Address offset: 0x800 Channel group 0 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW CH0 Include or exclude channel 0 Excluded 0 Exclude Included 1 Include B RW CH1 Include or exclude channel 1 Excluded 0 Exclude Included 1 Include C RW CH2 Include or exclude channel 2 Excluded 0 Exclude Included 1 Include D RW CH3 Include or exclude channel 3 Excluded 0 Exclude Included 1 Include E RW CH4 Include or exclude channel 4 Excluded 0 Exclude Included 1 Include F RW CH5 Include or exclude channel 5 Excluded 0 Exclude Included 1 Include G RW CH6 Include or exclude channel 6 Excluded 0 Exclude Included 1 Include H RW CH7 Include or exclude channel 7 Excluded 0 Exclude Included 1 Include I RW CH8 Include or exclude channel 8 4430_161 v1.0 232 |